Part Number Hot Search : 
M5R16ZLJ MC10100 HER180 P1013 P120NF10 LR6219 6GBU01 ASI10728
Product Description
Full Text Search
 

To Download YKC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 3 WATTS REGULATED OUTPUT POWER * 2:1 WIDE INPUT VOLTAGE RANGE * INTERNATIONAL SAFETY STANDARD APPROVAL * FIVE-SIDED SHIELD * HIGH EFFICIENCY UP TO 80% * STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE * OVER CURRENT PROTECTION
The YKC03 series offers 3 watts of output power from a package in an IC compatible 24pin DIP configuration without derating to 71C ambient temperature. YKC03 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The YKC03 features 1600VDC of isolation, short-circuit protection and as well as five sided shielding. A safety designed meet to EN60950 and UL1950. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications.
UL E193009 TUV R3-50007936 CB JPTUV-003641 CE MARK
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 1) Line regulation Load regulation Cross regulation Ripple and noise Temperature coefficient LL to HL at Full Load 25% to 100% FL Single Dual Asymmetrical load 25% / 100% FL 20MHz bandwidth Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
GENERAL SPECIFICATIONS
3 Watts max 2% 10% of FL 0.2% 0.2% 1% 5% 50mVp-p I0.02% / C, max 200uS 180% typ Isolation voltage Isolation resistance Isolation capacitance Switching frequency Design meet safety standard Case material Base material Potting material Dimensions Weight 9 - 18VDC 18 - 36VDC 36 - 75VDC Pi type 36VDC 50VDC 100VDC 20mAp-p 350mS typ MTBF (Note 3) DIP SMD Efficiency Input to Output Input(Output) to Case DIP SMD See table 1600VDC, min 1600VDC, min 1000VDC, max 10 ohms, min 300pF, max 300KHz, typ UL1950, EN60950 Nickel-coated copper Non-conductive black plastic Epoxy (UL94-Vo) 1.25 X 0.80 X 0.40 Inch (31.8 X 20.3 X 10.2 mm) 16g (0.55oz) 18g (0.62oz) 3.139 x 106 hrs
9
Transient response recovery time 25% load step change Over load protection Short circuit protection % of FL at nominal input
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range Input filter Input surge voltage 100mS max 12V input 24V input 48V input Nominal Vin and full load 12V nominal input 24V nominal input 48V nominal input
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range Maximum case temperature Storage temperature range Thermal impedance Thermal shock Vibration Nature convection Standard -25C ~ +85C (with derating) M1 (Note 4) -40C ~ +85C (non-derating) 100C -55C ~ +105C 20C/Watt MIL-STD-810D 10~55Hz, 2G, 30minutes along X,Y and Z 5% to 95% RH
Input reflected ripple (Note 2) Start up time
Nominal Vin and constant resistor load
OUTPUT POWER (%)
YKC03-48S05 Derating Curve
100
Relative humidity
EMC CHARACTERISTICS
M1 Version M! Version Conducted emissions Radiated emissions ESD EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2
75 50 25
Nature convection
50 60 70 80 90 100
Radiated immunity Fast transient Surge Conducted immunity
0 -40 -25 -10 0
AMBIENT TEMPERATURE (C)
Model Number
YKC03-12S05 YKC03-12S12 YKC03-12S15 YKC03-12D05 YKC03-12D12 YKC03-12D15 YKC03-24S05 YKC03-24S12 YKC03-24S15 YKC03-24D05 YKC03-24D12 YKC03-24D15 YKC03-48S05 YKC03-48S12 YKC03-48S15 YKC03-48D05 YKC03-48D12 YKC03-48D15
Input Range
9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Voltage
5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
500mA 250mA 200mA 250mA 125mA 100mA 500mA 250mA 200mA 250mA 125mA 100mA 500mA 250mA 200mA 250mA 125mA 100mA
Input (5) Current
290mA 329mA 334mA 290mA 334mA 334mA 151mA 169mA 171mA 151mA 174mA 171mA 76mA 83mA 82mA 76mA 85mA 86mA
Eff (%)
76 80 79 76 79 79 73 78 77 73 76 77 73 79 80 73 78 77
(6)
Capacitor Load max
1000uF 220uF 150uF 470uF 100uF 68uF 1000uF 220uF 150uF 470uF 100uF 68uF 1000uF 220uF 150uF 470uF 100uF 68uF
(7)
Note
1. 2. 3. 4. 5. 6. 7. The YKC03 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. Simulated source impedance of 12uH. 12uH inductor on series with + Vin. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment) M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard. Maximum value at nominal input voltage and full load of standard type. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistor load.
Suffix: "S"
0.10 (2.54) 0.08(2.0) 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin 1.00(25.4) 0.92(23.4) 0.02(0.5) 0.44(11.2) 0.43(10.9)
0.90 (22.9)
24
1
1.25 (31.8)
20
BOTTOM VIEW
5
15 13
0.60(15.2) 0.80(20.3)
0.15 (3.8)
0.40 (10.2)
Pin Area 0.04 x 0.02 (1.0 x 0.5)
13
12
0.80(20.3)
1. All dimensions in Inches (mm) 2. Pin pitch tolerance I0.014(0.35)
DIP PIN CONNECTION
PIN 1 2 10 11 12 SINGLE + INPUT + INPUT DUAL + INPUT + INPUT PIN 24 23 15 13 SINGLE - INPUT - INPUT NC DUAL - INPUT - INPUT + OUTPUT PIN 1 2
SMD PIN CONNECTION
SINGLE + INPUT + INPUT DUAL + INPUT + INPUT PIN 24 23 SINGLE - INPUT - INPUT DUAL - INPUT - INPUT
NC COMMON NC COMMON - OUTPUT NC
+ OUTPUT - OUTPUT
10 NC 15 NC + OUTPUT COMMON 11 NC COMMON 12 - OUTPUT NC 13 + OUTPUT - OUTPUT Others NC NC Others NC NC
0.25 (6.35)
10 11 12
16
9
1.26 (32.0)
BOTTOM VIEW
0.10 (2.5)
0.15 (3.81)
24 23
1 2


▲Up To Search▲   

 
Price & Availability of YKC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X